Part Number Hot Search : 
C5030F0 IN7440D 21620 W3H32M64 PSA40W D1815 75XKCT C7805
Product Description
Full Text Search
 

To Download IL54123S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL54123
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
Description
The IL54123N/D is designed for use in earth leakage circuit interrupters for operation directly off the AC Line in breakers. It contains pre regulator, main regulator, after regulator, differential amplifier, level comparator, latch circuit. The input in the differential amp latch circuit. The input in the differential amplifier is connect to the secondary node of zero current transformer. The level comparator generates high level when earth leakage current is greater than some level.
IL54123
Feature
* Low Power Consumption (PD=5mW) 100V/200V * 100V/200V Common Built-in Voltage Regulator * High Gain Differential Amplifier * High Input Sensitivity (VT = 6.1mV Typ.) * Minimum External Parts * Large Surge Margin * Wide Operating Temperature Range (T= -40 to 85C) * High Noise Immunity * Meet U. L. 943 standards
ORDERING INFORMATION IL54123N Plastic IL54123D SOIC IL54123S SIP-8 TA = -40 to 85 C for all packages.
Absolute Maximum Ratings (T^=25c)
Supply Voltage Supply Current Power Dissipation Operating Temperature Storage Temperature 20V 8mA 200m W - 40 to 85C - 55 to 125C
Pin Configuration (Top View)
VR 1
VR IN GND OD
1 2 3 4
8 7 6 5
V+ Os
IN 2 GND 3 OD 4
NR Sc
SC 5 NR 6 OS 7
V+ 8
IL54123
Block Diagram
IL54123
Recommended Operating Condition: TA=-30C to 80C
PARAMETER Supply Voltage Vs-GND Capacitor OS-GND Capacitor SYMBOL V+ Cvs Cos MIN. 12 1 TYP. MAX UNIT V F F
1
Electrical Characteristics
PARAMETER
SYMBOL
CONDTIONS V+=12V, VR - VI = 30 mV V+ = 16V, VR - VI = X V+ = 16 V, VR - VI = 30 mV VOD = 1.2 V V+ = 16 V, VR - VI = short VOD = 0.8 V lSI = 580A VSC = 1.4 V lSI = 530A VOS = 0.8 V lSI = 480A V+ = 16 V V+ = l2V V+ = 12 V, VOSL = 0.2 V V+ = 12 V, IIC = 20 mA IIDC = 100mA ISM = 7 mA VOS = 0.5 V, VR - VI = X V+ = 16 V, VR - VI = 0.3 V
Supply Current 1 * Trip Voltage Differential Amplifier Output Current 1 Differential Amplifier Output current 2 Output Current SC ON Voltage SC Input Current Output "L" Current Input Clamp Voltage Differential Input Clamp Voltage Max. Current Voltage Supply Current 2 Latch Circuit Off Supply Voltage Response Time
lS1 VT ITD1 ITD2
TEMP. (C) -30 25 85 -30 85 25 25 -30 25 85 25 25 -30 85 -30 85 -30 85 25 -30 85 25 25
MIN. 4 -12 17 -200 -100 -75 0.7 200 4.3 0.4 20 0.5 1
TYP. 400 6.1 -
MAX. 580 530 480 9 -30 37
UNIT A mV (rms) A A
IO VSC ON ISC ON IOSL VIC VIDC VSM IS2 V+ OFF TON
A 1.4 5 6.7 2 28 1200 V A A V V V A V
-
4
ms
IL54123
Typical Performance Curves
IL54123
IL54123
IL54123
Typical Application
Supply voltage circuit is connected as a previous diagram. Please decide constants R1, R2, C4, and C5 of a filter in order to keep at least 12V in Vs, when normal supply current flows. In this case, please connect C4 (more than 1 ) and C2 (less than 1 ). ZCT and load resistance RL of ZCT are connected between input pin and . In this case protective resistance (R3=100) must be insulted. Sensitivity current is regulated by RL, and output of amplifier shows in pin. External capacitor C1 between pin and GND is used for noise removal. When large current is grounded in the primary side (AC line) of ZCT, the wave form in the secondary side of ZCT is distorted and some signals doesn't appear in the output of amplifier. So please connect a varistor or a diode (2pcs.) to ZCT in parallel. Latch circuit is used to inspect the output level of amplifier and to supply gate current on the external SCR. When input pin becomes more than 1.1V (Typ.) latch circuit operates and supply gate current in the gate of SCR connected to the output pin. Pin can be used in the open state, but please connect capacitor (about 0.047 ) between pin and . Capacitor C6 between pin and GND is used to remove noise and is about 0.047 .
IL54123
N SUFFIX PLASTIC DIP (MS - 001BA)
A 8 5 B 1 4
Dimension, mm Symbol A B MIN 8.51 6.1 MAX 10.16 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
C D
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
F G
M H J
H J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AA) Dimension, mm
5
A 8
Symbol A
B P
MIN 4.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 5 4 1.75 0.51 1.27
H
B C
1
G
4 C R x 45
D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
G
J F M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
IL54123
8-Pin Plastic Single-in-Line (SIP)
Dimension
D E
A 1 8 L1
L Z e B R 0.125 M b Z1
LQ C
A B b C D E e L L1 LQ Z Z1
mm min 6.24 0.40 1.15 0.23 19.68 2.675 2.54 2.95 1.61
max 6.60 0.54 1.40 0.35 20.20 2.925 3.25 1.97 0.70 1.21 1.40


▲Up To Search▲   

 
Price & Availability of IL54123S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X